PART |
Description |
Maker |
FLT007A0-SR FLT007A0-SRZ FLT007A0 FLT007A0Z |
75Vdc Input Voltage Maximum, 7A Output Current Maximum
|
Lineage Power Corporation
|
XTE |
Maximum Drive Current: 1.5A
|
Marktech Corporate
|
AMS2303A |
Exceptional on-resistance and maximum DC current capability
|
Advanced Monolithic Systems Ltd
|
AMS2302 |
Exceptional on-resistance and maximum DC current capability
|
Advanced Monolithic Systems Ltd
|
CXXXTR5270-SXX00-3 C450TR5270-0312-3 |
Maximum DC Forward Current - 250 mA Class 2 ESD Rating TR5270 LEDs
|
Cree, Inc Marktech Corporate
|
TC56 TC562502ECT TC563002ECT TC563302ECT |
The TC56 is a low supply current (11 µA typ at VOUT =3V), low dropout CMOS linear regulator, with a 10V maximum input voltage range. CMOS construction eliminates wasted ground current typical of bipolar regulators for greater system e 150mA, 10V LDO with Shutdown
|
MICROCHIP[Microchip Technology]
|
2N5952 2N5952D74Z |
N-Channel RF Amplifier N-Channel RF Ampifier BNC FEMALE POWER DIVIDER; NUMBER OF OUTPUT PORTS: 8; FREQUENCY RANGE: 2 - 500 MHz; MINIMUM ISOLATION: 20 dB; VSWR: 1.50 MAXIMUM; MAXIMUM INSERTION
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
LT3650 LT3845 LTC4000-1 LTC3789 LTC4012 LT3652HV |
High Voltage High Current Controller for Battery Charging with Maximum Power Point Control High Voltage High Current Controller for Battery Charging with Maximum Power Point Control
|
Linear Technology
|
LSIC2SD120A15 |
This series of silicon carbide (SiC) Schottky diodes has negligible reverse recovery current, high surge capability, and a maximum operating junction temperature of 175 °C.
|
Littelfuse
|